Part Number Hot Search : 
75555 79C20 2SC334 VNW10 MHW5382 F20N60 HGT3030 2SC3991L
Product Description
Full Text Search
 

To Download B82498B3101000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMT inductors
SIMID series, SIMID 0805-B
Series/Type: Date: B82498B March 2008
Data Sheet
EPCOS AG 2008. Reproduction, publication and dissemination of this publication and the information contained therein without EPCOS' prior express consent is prohibited.
SMT inductors, SIMID series SIMID 0805-B
Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2.7 nH to 4700 nH Rated current 90 mA to 1000 mA Construction
Cubic coil with ceramic core Winding partially plastic-sealed Winding ends welded to terminals
B82498B
Features

High Q factor High resonance frequency Close inductance tolerance Suitable for lead-free reflow soldering RoHS-compatible
Applications Resonant circuits, impedance matching for Antenna amplifiers Multimedia Car access systems TPMS (Tire Pressure Monitoring System) Wireless communication systems GPS (Global Positioning System) Terminals
Base material Al2O3 ceramic or ferrite Thick-film coating of Ag/Pd/Pt
Marking
No marking on component Minimum data on reel:
Manufacturer, ordering code, L value, quantity, date of packing Delivery mode and packing unit
8-mm blister tape, wound on 180-mm reel Packing unit: 3000 pcs./reel
Please read Cautions and warnings and Important notes at the end of this document.
2
03/08
SMT inductors, SIMID series SIMID 0805-B
Dimensional drawing and layout recommendation
1.4 max.
Metallization
A
B82498B
Welding area 1) 1.2 _ 0.1 2.2 max. Acrylic plastics
C B
IND0041-C
1.45 max.
0.50.3
A 1.1 0.2
B 3.4 0.4
C 1.1 0.1
0.25 min.
1) This area (30% of contact area) should not be used to assess solderability
IND0047-U-E
Dimensions in mm
Taping and packing Blister tape
_0 1.5 +0.1
Reel
1.750.1
40.1
14.4 max.
3.50.05
130.25
Component
20.05
2.350.1
80.3
40.1 Direction of unreeling
IND0594-Q-E
_0 8.4 +1.5
1782
o60 min.
IND0581-C
Dimensions in mm
Please read Cautions and warnings and Important notes at the end of this document.
3
03/08
SMT inductors, SIMID series SIMID 0805-B
Technical data and measuring conditions Rated inductance LR Q factor Qmin, Qtyp
B82498B
Measured with RF LCR meter Agilent 4286A and test fixture Agilent 16193A at frequency fL, 0.1 V, 20 C Measured with RF LCR meter Agilent 4286A and test fixture Agilent 16193A, 20 C Qmin measured at frequency fQ 85 C Maximum permissible DC with inductance decrease L/L0 10% and temperature increase of 20 K at rated temperature Measured with network analyzer Agilent 8753D, 20 C Measured at 20 C Sn95.5Ag3.8Cu0.7: (245 5) C, (5 0.3) s Wetting of soldering area 90% (based on IEC 60068-2-58) 260 C, 20 s (as referenced in JEDEC J-STD 020C) 55/125/56 (to IEC 60068-1) Mounted: -55 C ... +125 C Packaged: -25 C ... +40 C, 75% RH Approx. 8.5 mg
Rated temperature TR Rated current IR
Self-resonance frequency fres,min DC resistance Rmax Solderability (lead-free)
Resistance to soldering heat Climatic category Storage conditions Weight
Characteristics and ordering codes LR nH Core material: ceramic 2.7 5.6 6.8 8.2 10 12 15 18 22 27 5%
^
Tolerance
Qmin
Qtyp (at 800 MHz) 50 60 70 75 80 85 85 90 85 90
fL; fQ MHz 250 250 250 250 250 250 250 250 250 250
IR mA 1000 900 800 700 700 700 670 670 600 600
Rmax 0.03 0.04 0.05 0.06 0.06 0.06 0.07 0.07 0.09 0.09
fres,min MHz 6000 6000 5500 5000 4500 4000 3500 3300 2600 2500
Ordering code
10% 20%
^ ^
K M
20 25 30 35
B82498B3279M000 B82498B3569M000 B82498B3689K000 B82498B3829M000 B82498B3100J000 B82498B3120J000 B82498B3150J000 B82498B3180J000 B82498B3220J000 B82498B3270J000
J
40 40 40 45 45 50
Closer tolerances on request.
Please read Cautions and warnings and Important notes at the end of this document.
4
03/08
SMT inductors, SIMID series SIMID 0805-B
Characteristics and ordering codes LR nH Core material: ceramic 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 Core material: ferrite 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 2% 5%
^ ^
B82498B
Tolerance
Qmin
Qtyp (at 800 MHz) 80 90 85 60 60 60 50 45 40 30 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
fL; fQ MHz 250 250 200 200 200 150 150 150 100 100 100 100 100 100 100 100 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96
IR mA 520 560 500 480 410 390 350 270 270 260 240 180 180 130 115 100 250 240 250 220 200 190 130 120 100 95 90
Rmax 0.12 0.10 0.13 0.14 0.19 0.21 0.26 0.44 0.44 0.47 0.55 1.0 1.0 1.9 2.4 3.2 0.50 0.55 0.50 0.65 0.75 0.85 1.7 2.0 3.3 3.6 3.8
fres,min MHz 2150 2050 1900 1700 1550 1430 1310 1210 1120 1030 950 870 800 730 660 600 450 400 350 300 250 250 200 200 200 150 150
Ordering code 1)
5%
^
J
45 50 45
B82498B3330J000 B82498B3390J000 B82498B3470J000 B82498B3560+000 B82498B3680+000 B82498B3820+000 B82498B3101+000 B82498B3121+000 B82498B3151+000 B82498B3181+000 B82498B3221+000 B82498B3271+000 B82498B3331+000 B82498B3391+000 B82498B3471+000 B82498B3561+000 B82498B1681+000 B82498B1821+000 B82498B1102+000 B82498B1122+000 B82498B1152+000 B82498B1182+000 B82498B1222+000 B82498B1272+000 B82498B1332+000 B82498B1392+000 B82498B1472+000
2% 5%
^ ^
G J
45 45 40 40 40 35 35 35 35 35 35 35 35
G J
20 20 20 20 20 20 20 20 20 20 20
Closer tolerances on request.
1) Replace the + by the code letter for the required inductance tolerance.
Please read Cautions and warnings and Important notes at the end of this document.
5
03/08
SMT inductors, SIMID series SIMID 0805-B
Q factor versus frequency f (ceramic core) measured with RF LCR meter Agilent 4286A, typical values at 20 C
90 B82498B Q 80 70 60 50 40 30 39 nH 68 nH 100 nH 270 nH 560 nH
IND0048-3
B82498B
Q factor versus frequency f (ferrite core) measured with RF LCR meter Agilent 4286A, typical values at 20 C
40 B82498B Q 35 30 25 20 15 1000 nH 680 nH 2200 nH 4700 nH
IND0049-B
20 10 07 10 10 8
2.7 nH 6.8 nH
10 56 10
Hz 10 9 f
10 7
Hz 10 8 f
Inductance L versus DC load current IDC measured with RF LCR meter Agilent 4275A, typical values at 20 C
10 1 H L 10 0 0.68 H 0.56 H
_1
IND0050-9
Current derating Iop/IR versus ambient temperature TA (rated temperature TR = 85 C)
1.2 Iop IR B82498B 1.0
IND0051-4-E
4.7 H
B82498B
0.8
0.1 H
10
0.6
0.4
10
_2
0.01 H
0.2
_3
10
10
_2
10
_1
10 0
A 10 1 I DC
0
0
20
40
60
80 100
C
TA
140
6
03/08
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets. - Particular attention should be paid to the derating curves given there. - The soldering conditions should also be observed. Temperatures quoted in relation to wave soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. In particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
- Many potting materials shrink as they harden. They therefore exert a pressure on the plastic housing or core. This pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. - It is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. - The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and Important notes at the end of this document.
7
03/08
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks. 8 03/08


▲Up To Search▲   

 
Price & Availability of B82498B3101000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X